Part Number Hot Search : 
FFPF60 C34063 DLR5736 BUT11AF RFU5TF6S RFU5TF6S 6CWF20F AP9435K
Product Description
Full Text Search
 

To Download 2SA1943 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1943
DESCRIPTION *With TO-3PL package *Complement to type 2SC5200 APPLICATIONS *Power amplifier applications *Recommended for 100W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-3PL) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector MAX -230 -230 -5 -15 -1.5 150 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SA1943
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA ;IB=0
-230
V
VCEsat
Collector-emitter saturation voltage
IC=-8A IB=-0.8A
-3.0
V
VBE
Base-emitter voltage
IC=-7A ; VCE=-5V
-1.5
V
ICBO
Collector cut-off current
VCB=-230V; IE=0
-5
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5
A
hFE-1
DC current gain
IC=-1A ; VCE=-5V
55
160
hFE-2
DC current gain
IC=-7A ; VCE=-5V
35
fT
Transition frequency
IC=-1A ; VCE=-5V
30
MHz
COB
Collector output capacitance
f=1MHz;VCB=-10V
360
pF
hFE-1 classifications R 55-110 O 80-160
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1943
Fig.2 Outline dimensions (unindicated tolerance:0.50 mm)
3
SavantIC Semiconductor
Product Specification
Silicon Power Transistors
2SA1943
4


▲Up To Search▲   

 
Price & Availability of 2SA1943

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X